PART |
Description |
Maker |
XKA90440 XKA20420 XKA20421 XKA70420 XKA70440 |
Solid State Relay for DIN rail fixation
|
celduc-relais
|
XKM23440 |
Solid State Relay for DIN rail fixation
|
celduc-relais
|
XKM22440 |
Solid State Relay for DIN rail fixation
|
celduc-relais
|
PLC-BSC-230UC |
14 mm PLC basic terminal block with screw connection, without relay or solid-state relay, for mounting on DIN rail NS 35/7,5, 2 PDTs, input voltage 230 V AC/DC
|
PHOENIX CONTACT
|
CMRA4835 CMRD4855 |
IC,Normally-Open Panel-Mount Solid-State Relay,1-CHANNEL,M:HL089HD4.3 TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX Solid-State DIN Rail Mount Relay; Contacts:SPST-NO; Output Device:SCR; Output Voltage Max:530Vrms; Output Voltage Min:48Vrms; Control Voltage Max:32VDC; Control Voltage Min:4VDC; Load Current Max:55A; Switching:Zero Cross RoHS Compliant: Yes
|
Crydom, Inc. CRYDOM CORP
|
DRL48A35 DRL48A35-22 DRL48D35 DRL48D35-21 |
Single Output to 35A 510 Vac DIN-Rail Solid-State Relay
|
Teledyne Technologies I... Teledyne Technologies Incorporated
|
3RP1505-1AQ30 3RP1525-1AQ30 3RP1525-1BQ30 3RP1525- |
MULTI-DELAY RELAY, SPDT, MOMENTARY, 0.083A (COIL), 24VDC (COIL), 2000mW (COIL), 0.05-1s, DIN-RAIL MOUNT ON-DELAY RELAY, SPDT, MOMENTARY, 0.083A (COIL), 24VDC (COIL), 2000mW (COIL), 0.05-1s, DIN-RAIL MOUNT Multifunction Solid State DIN Mount Time Delay Relay Multifunction Solid State DIN Mount Time Delay Relay
|
Ecliptek, Corp. Tyco Electronics
|
PSBDIN30A241028 PSBDIN30A241628 PSBDIN30A242528 PS |
DIN Ready Solid State Relay
|
Powersem GmbH
|
D24110-10 |
IC,Normally-Open Panel-Mount Solid-State Relay,1-CHANNEL,M:HL048HD4.3 TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX
|
Crydom, Inc.
|
SJ-3A01HZNR SJ-5A01HZNR SJ-12A01HZNR SJ-24A01HZNR |
SOLID STATE RELAY MAXIMUM LOAD CURRENT 1 A TRIGGER OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX
|
Fujitsu Component Limited.
|
PS7111-2A01 PS7111-2A PS7111L-2A-E3 |
DUAL TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX 8 PIN DIP SOLID STATE RELAY
|
NEC Duracell
|
53024 |
SPST SOLID-STATE RELAY TRANSISTOR OUTPUT SOLID STATE RELAY, 1000 V ISOLATION-MAX
|
Micropac Industries, Inc. MICROPAC[Micropac Industries]
|